Part Number Hot Search : 
100EP MY100X IK2407SA MT48L 00C12 TRRPB MHF64SGS DE9944
Product Description
Full Text Search
 

To Download DF02HCLP03B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  components product information connector new mb-0276-4 april 2015 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 1/11 df02 series outline the df02 series is an interface connec tor compatible with the half-pitch (1.27mm) which is used as a standard in the industrial instrument market. the df02 series realizes light wei ght by using a resin-made hood and also has sufficient measures against emi shielding with ni plating. furthermore, it has a superior operabilit y by using a one-touch lock method. fa equipment, semiconductor m anufacturing equipment, communication devices, measuring instrument, broadcasting equi pment, and others. - dual use specifications with one-touch lock and screw-lock. - structure that prevents short circuit by foreign substances by attaching a cover to the terminals. - improved resistance against twisting wi th a hook integrated with the shell. - miniaturization, weight and cost saving realized by using resin for hood material. also it has sufficient measu res against emi shielding with ni plating. - excellent workability with two-unit struc ture hood and superior reparability with latch lock method. - available in idc type (28awg to 30awg) for labor-saving in termination works. - realizes to shorten working time with a structure that enables streamlining of the harness assembly processes su ch as the screw fixing work. half-pitch (1.27mm) interface connector receptacle plug rohs compliant features
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 2/11 general specifications line-up materials and finishes item line-up receptacle plug pin count variation 14pos., 20 pos.,26 pos., 36 pos., 50 pos., 14pos., 20 pos., 26 pos., 36 pos., 50 pos., 68pos., termination variation through-hole soldering (22awg to 30awg) idc (28awg, 30awg) specification rated current 0.5a / 1pos. rated voltage ac250vr.m.s contact resistance 35m ? max. (initial) variance 25m ? max. (after test) insulation resistance individual connector 100m ? min. (initial) 10m ? min. (after test) dielectric withstanding voltage individual connector ac500vr.m.s (initial) ac300vr.m.s (after test) operating temperature -20 deg. c to +80 deg. c product part materials /finishes receptacle insulator 9tny locator 9tny lug steel / ni plating shell steel / sn plating nut brass / ni plating contact copper alloy / au plating on contact area plug plug individual unit insulator 6-6ny contact copper alloy / au plating on contact area shell steel / ni plating cover (note 1) pbt hood hood a abs / ni plating hood b abs / ni plating lock spring stainless steel nut steel / ni plating fixing screw steel / ni plating clamp plate clamp plate steel / ni plating note 1: a cover is not included in a soldering type plug individual unit.
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 3/11 soldering connection type plug individual unit hood straight short clamp plate receptacle angle type clamp plate note: when using soldering conne ction type plug individual unit we recommend connection with straight long, straight long / thick cable compatible type, angle long, and angl e long/ thick cable compatible type. combinations idc connection type angle long angle long / thick cable compatible type straight long screw lock straight long straight long / thick cable compatible type
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 4/11 df 02 r *** n a * type r: receptacle type n: angle t/h plating a: contact area au0.1 min., terminal area au 3:flow type [receptacle] no. of contacts part number drawing a b c d e f g h 14 df02r014na3 sj116104 12.64 19.5 9.6 7.62 23.64 29.5 19.9 23.64 20 df02r020na3 sj116105 16.45 23.4 13.4 11.43 27.45 33.4 23.8 27.45 26 df02r026na3 sj116111 20.26 27.2 17.2 15.24 31.26 37.2 27.6 31.26 36 df02r036na3 sj116106 26.61 33.5 23.6 21.59 37.61 43.5 33.9 37.61 50 df02r050na3 sj116112 35.5 42.4 32.5 30.48 46.5 52.4 42.8 46.5 series development no. no. of contacts modification code
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 5/11 modification code df02p******a* series development no. type p: plug no. of contacts connection type g: idc f: soldering compatible cable 28: 28awg 30: 30awg 22: 22 ~30awg no. o f contac ts part number drawing a b 14 df02p014f22a1 sj114740 7.62 12.84 20 df02p020f22a1 sj114741 11.43 16.65 26 df02p026f22a1 sj114250 15.24 20.46 36 df02p036f22a1 sj114035 21.59 26.81 50 df02p050f22a1 sj114251 30.48 35.7 a pp li ca bl e wire no. of contacts part number drawing a b 14 df02p014g28a1 sj114156 7.62 12.84 20 df02p020g28a1 sj114157 11.43 16.65 26 df02p026g28a1 sj114034 15.24 20.46 36 df02p036g28a1 sj114158 21.59 26.81 50 df02p050g28a1 sj114159 30.48 35.7 68 df02p068g28a1 sj114240 41.91 47.13 14 df02p014g30a1 sj114032 7.62 12.84 50 df02p050g30a1 sj114033 30.48 35.7 for 28awg for 30awg [plug individual unit] idc connection type applicable cable - 28 awg idc connection type applicable outer dia.: 0.51~ 0.64 - 30 awg idc connection type applicable outer dia.: 0.51~ 0.64 recommended sheath: pvc applicable cable applicable cable: 22~30awg equivalent applicable outer dia: 1.1 max. recommended sheath: pvc 1: standard plating a: contact area au0.1 min., terminal area au soldering connection type
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 6/11 type no. of contacts part number drawing a b c d e 14 df02c014a11 sj114040 25.8 32 19.9 9.0 9.1 26 df02c026a11 sj114041 33.5 32 24.8 9.5 9.1 36 df02c036a11 sj114245 39.8 32 31.1 10.0 9.1 50 df02c050a11 sj114042 48.7 32 40.0 11.5 9.15 68 df02c068a11 sj114247 60.1 32 51.4 12.0 9.15 14 df02d014a11 sj114742 25.8 39 19.9 10.0 9.1 20 df02d020a11 sj114243 29.7 39 22.0 11.0 9.1 26 df02d026a11 sj114252 33.5 39 24.8 11.0 9.1 50 df02d050a11 sj114254 48.7 39 40.0 11.5 9.15 26 df02d026a21 sj114160 33.5 39 24.8 11.0 12.0 50 df02d050a21 sj114162 48.7 39 40.0 11.5 12.4 straight short straight long straight long / thick wire compatible type straight short straight long straight long / thick cable compatible type [hood] series development no. hood type c: straight short (sol dering plug cannot be used) d: straight long f: angle long no. of contacts lock type a: lock spring b: screw lock applicable cable 1: standard 2: thick cable compatible df02******* modification code 1: standard
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 7/11 type no. of contacts part number drawing angle long 36 df02f036a11 sj114043 angle long / thick wire compatible type 36 df02f036a21 sj114161 striaght long screw lock 36 df02d036b11 sj115090 angle long angle long / thick cable compatible type straight long screw lock
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 8/11 series development no. type h: hood part type clp: clamp plate clp development no. (01 to 99) applicable hood a: for 14,20,26 pos. b: for 36,50,68 pos. df 02 h clp * * 14, 20, 26 pos. 36, 50, 68 pos. 01 df02hclp01a sj114550 12.2 3.7 5.65 yes no 02 df02hclp02a sj114551 12.2 4.3 5.75 yes no 03 DF02HCLP03B sj114552 14.2 1.15 4.75 no yes 04 df02hclp04b sj114553 14.2 5 6.15 no yes 05 df02hclp05a sj114554 12.2 4.65 5.65 yes no 06 df02hclp06b sj114555 14.2 3.6 5.55 no yes 07 df02hclp07b sj114556 14.2 3.05 5 no yes 08 df02hclp08b sj114557 14.2 2.35 4.3 no yes 09 df02hclp09b sj114558 14.2 1.15 3.1 no yes 10 df02hclp10a sj114669 12.2 3.45 5.4 yes no 11 df02hclp11a sj114739 12.2 2 3.95 yes no 12 df02hclp12b sj115091 14.2 4 5.95 no yes applicable hood drawing no. b a part number c [clamp plate] no. printed applicable cable please refer to handling instruction jahl-30303 regarding applicable cable for clamp plate. yes: applicable no: not applicable
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 9/11 [plug combinations and part numbers] specification part number no. of contacts lock structure type connection applicable cable total cable dia. plug hood clamp plate applicable processed outer dia. (for reference) 14 lock spring straight idc awg 28 6.5 ~ 8.0 df02p014g28a1 df02c014a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 14 lock spring straight idc awg 30 6.5 ~ 8.0 df02p014g30a1 df02c014a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 14 lock spring straight soldering awg22 ~ 30 6.5 ~ 9.0 df02c014a11 df02d014a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 df02hclp10a 8.5 ~ 9.0 20 lock spring straight idc awg 28 6.5 ~ 9.0 df02p020g28a1 df02d020a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 df02hclp10a 8.5 ~ 9.0 20 lock spring straight soldering awg22 ~ 30 6.5 ~ 9.0 df02p020f22a1 df02d020a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 df02hclp10a 8.5 ~ 9.0 26 lock spring straight idc awg 28 6.5 ~ 8.0 df02p026g28a1 df02c026a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 26 lock spring straight soldering awg22 ~ 30 6.5 ~ 9.0 df02p026f22a1 df02d026a11 df02hclp05a 6.5 ~ 7.0 df02hclp02a 7.0 ~ 7.5 df02hclp01a 7.5 ~ 8.0 df02hclp10a 8.5 ~ 9.0 26 lock spring straight soldering awg22 ~ 30 for thi ck cable df02p026f22a1 df02d026a21 please contact us. 36 lock spring straight idc awg 28 6.0 ~ 8.5 df02p036g28a1 df02c036a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.0 ~ 8.5 36 lock spring angle soldering awg22 ~ 30 6.0 ~ 10.5 df02p036f22a1 df02f036a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.5 ~ 9.0 df02hclp07b 9.0 ~ 9.5 df02hclp08b 10.0 ~ 10.5 36 screw lock straight soldering awg22 ~ 30 5.5 ~ 8.0 df02p036f22a1 df02d036b11 df02hclp04b 5.5 ~ 6.0 df02hclp12b 7.0 ~ 7.5 df02hclp06b 7.5 ~ 8.0 36 lock spring straight soldering awg22 ~ 30 for thi ck cable df02p036f22a1 df02f036a21 please contact us. 50 lock spring straight idc awg 28 6.0 ~ 10.5 df02p050g28a1 df02c050a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.0 ~ 8.5 df02hclp07b 9.0 ~ 9.5 df02hclp08b 10.0 ~ 10.5 50 lock spring straight idc awg 30 6.0 ~ 10.5 df02p050g30a1 df02c050a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.0 ~ 8.5 df02hclp07b 9.0 ~ 9.5 df02hclp08b 10.0 ~ 10.5 50 lock spring straight soldering awg22 ~ 30 6.0 ~ 10.5 df02p050f22a1 df02d050a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.0 ~ 8.5 df02hclp07b 9.0 ~ 9.5 df02hclp08b 10.0 ~ 10.5 50 lock spring straight soldering awg22 ~ 30 for thi ck cable df02p050f22a1 df02d050a21 please contact us. 68 lock spring straight idc awg 28 6.0 ~ 10.5 df02p068g28a1 df02c068a11 df02hclp04b 6.0 ~ 6.5 df02hclp12b 7.5 ~ 8.0 df02hclp06b 8.0 ~ 8.5 df02hclp07b 9.0 ~ 9.5 df02hclp08b 10.0 ~ 10.5
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 10/11 bench manual idc tool: standard type hand-press applicator awg outer dia. tool part no. / handling instruction tool part no. / handling instruction tool part no. handling instruction 14 a t214-df02-1 20 at220-df02-1 26 at226-df02-1 36 at236-df02-1 50 at250-df02-1 68 at268-df02-1 14 at214-df02-2 50 at250-df02-2 30 cp110-3 /t707039 mt250-tx20a-2b /t704064 t704064-01 no. of contacts 28 attachment proccess wiring, cuting, idc 0.58 0.51 applicable wire bench manual idc tool: simplified type wiring cuting hand-press attachment awg outer dia. tool part no. / handling instruction tool part no. / handling instruction 14 20 26 36 50 68 14 50 tool part no. / handling instruction 30 ar-df02-1 /t759106 cc-df02-1 /t751069 mt-df02-1 /t704197 no. of contacts 28 proccess idc cp110-3 /t707039 tool part no. / handling instruction applicable wire 0.51 ~ 0.64 note) there are two types of bench manual idc tool, standard type and simplified type. simplified type is app licable to wide range of outer cable diameter ( 0.51~ 0.64) and the attachment parts are common to all pin counts. please contact our product marketing division for further information. idc tool
mb-0276-4 jae pmk div. proprietary. copyright ? 2015, japan aviation electronics industry, ltd. 11/11 technical document no. (contents of documents) specification jacs-30303 handling instruction jahl-30303 product marketing division aobadai building, 3-1-19, aobadai, meguro-ku, tokyo 153-8539 phone: +81-3-3780-2882 fax: +81-3-3780-2946 * the specifications in this brochure are subject to change without notice. please contact jae for information. notice: 1. the values specified in this brochure are only for reference. the products and their specifications are subject to change wi thout notice. contact our sales staff for further information be fore considering or ordering any of our products. for purchase, a product specification must be agreed upon. 2. users are requested to provide protecti on circuits and redundancy circuits to ensure safety of the equipment, and sufficient ly review the suitability of jae's products to the equipment. 3. the products presented in this brochure are designed for the uses recommended below. we strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommend ed applications or for a specific use that requires an extremely high reliability. (1) applications that require consultation: (i) please contact us if you are considering use involving a qua lity assurance program that you specify or that is peculiar to the industry, such as: automotive electrical components, train cont rol, telecommunications devi ces (mainline), traffic light control, electric power, combustion control, fire prevention or security systems, disaster prevention equipment, etc. (ii) we may separately give you our s upport with a quality assurance program that you specify, when you think of a use such as : aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc. (2) recommended applications include: computers, office appliances, telecommunications devices (termina ls, mobile units), measuring e quipment, audiovisual equipment, home electric appliances, factory automation equipment, etc technical documents


▲Up To Search▲   

 
Price & Availability of DF02HCLP03B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X